Part Number Hot Search : 
AMC8878 8051F121 735D70 TXN80K M80C39 S125HN N4H09T LIS302
Product Description
Full Text Search
 

To Download 2SC4898 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC4898
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
s Features
q q q
15.00.5
9.90.3
3.00.5
4.60.2 2.90.2
High-speed switching High collector to base voltage VCBO Low collector to emitter saturation voltage VCE(sat)
3.20.1
13.70.2 4.20.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO ICP IC PC Tj Tstg
1.40.2 1.60.2 0.80.1
(TC=25C)
Ratings 1000 500 10 5 40 2 150 -55 to +150 Unit V V A A W C C
2.60.1
0.550.15
1
2
2.540.3 3 5.080.5
1:Base 2:Collector 3:Emitter TO-220D Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO hFE VCE(sat) fT ton tstg tf Conditions VCB = 1000V, IE = 0 VEB = 9V, IC = 0 VCE = 5V, IC = 1A IC = 3A, IB = 0.6A VCE = 10V, IC = 0.5A, f = 1MHz IC = 3A, IB1 = 0.6A, IB2 = - 0.6A, VCC = 250V 8 1.5 3 1.0 20 min typ max 100 100 40 1 V MHz s s s Unit A A
1
Power Transistors
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10 TC=25C 9 10 3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 IC/IB=5 TC=25C
2SC4898
VCE(sat) -- IC
1000
hFE -- IC
TC=25C VCE=5V 300
Collector current IC (A)
8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 12 IB=0.7A 0.6A 0.5A 0.4A 0.3A 0.2A 0.1A
Forward current transfer ratio hFE
10
100
30
10
3
0.1
0.3
1
3
1 0.01 0.03
0.1
0.3
1
3
10
Collector to emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
100
Area of safe operation, reverse bias ASO
6 IC/IB=5 IB1=-IB2 Lcoil=100H TC=25C
Collector current IC (A)
IC 1 10ms
1ms
Collector current IC (A)
10
ICP t=0.5ms
5
4
1s 0.1
3
2
0.01 Non repetitive pulse TC=25C 1 3 10 30 100 300 1000
1 <1mA 0 200 400 600 800 1000 1200
0.001
0
Collector to emitter voltage VCE (V)
Collector to emitter voltage VCE (V)
Rth(t) -- t
Ta=25C (1) Without heat sink (2) With a 100 x 80 x t2mm Al heat sink 30 (2) 10 (1)
Thermal resistance Rth(t) (C/W)
3
1
0.3 0.3 1 3 10 30 100 300
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SC4898

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X